Part Number Hot Search : 
PS2607L 2SC4552 CMZ5344B MCP6561 FDD5680 SK368 XFGIH100 2SK90
Product Description
Full Text Search
 

To Download ADA-4643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ADA-4643 silicon bipolar darlington amplifi er data sheet attention: observe precautions for handling electrostatic sensitive devices. esd machine model (class a) esd human body mode (class 1b) refer to avago application note a004r: electrostatic discharge, damage and control. rfin 2tx gnd rfout & vd gnd description avago technologies ADA-4643 is an economical, easy-to- use, general purpose silicon bipolar rfic gain block am- plifi ers housed in a 4-lead sc-70 (sot-343) surface mount plastic package which requires only half the board space of a sot-143 package. the darlington feedback structure provides inherent broad bandwidth performance, resulting in useful ope- rating frequency up to 2.5 ghz. this is an ideal device for small-signal gain cascades or if amplifi cation. ADA-4643 is fabricated using avagos hp25 silicon bipolar process, which employs a double-diff used single poly- silicon process with self-aligned submicron emitter geometry. the process is capable of simultaneous high f t and high npn breakdown (25 ghz f t at 6 v bvceo). the process utilizes industry standard device oxide isolation technologies and submicron aluminum multilayer inter- connect to achieve superior performance, high uniformity, and proven reliability. surface mount package sot-343 pin connections and package marking note: top view. package marking provides orientation and identifi cation. 2t = device code x = date code character identifi es month of manufacture. c block c block c bypass r c v cc = 5 v v d = 3.5 v rfc rf input rf output 2tx r c = v cc C v d i d features ??? small signal gain amplifi er ??? operating frequency dc C 2.5 ghz ??? unconditionally stable ??? 50 ohms input & output ??? flat, broadband frequency response up to 1 ghz ??? operating current: 20 to 60 ma ??? industry standard sot-343 package ??? lead-free option available specifi cations 900 mhz, 3.5 v, 35 ma (typ.) ??? 17 db associated gain ??? 13.4 dbm p 1db ??? 28.3 dbm oip 3 ??? 4 db noise fi gure ??? vswr < 2.2 throughput operating frequency ??? single supply, typical i d = 35 ma applications ??? cellular/pcs/wll base stations ??? wireless data/wlan ??? fiber-optic systems ??? ism typical biasing confi guration
2 ADA-4643 electrical specifi cations t a = 25 c, zo = 50 ? , pin = -25 dbm, i d = 35 ma (unless specifi ed otherwise) symbol parameter and test condition: i d = 35 ma, zo = 50 ? frequency units min. typ. max. std. dev. v d device voltage i d = 35 ma v 3.2 3.5 3.9 gp power gain (|s 21 |) 2 100 mhz 900 mhz [1,2] db 15.5 17.5 17.0 18.5 ? gp gain flatness 100 to 900 mhz 0.1 to 2 ghz db 0.5 1.8 f 3db 3 db bandwidth ghz 3.2 vswr in input voltage standing wave ratio 0.1 to 6 ghz 2.0:1 vswr out output voltage standing wave ratio 0.1 to 6 ghz 1.6:1 nf 50 ? noise figure 100 mhz 900 mhz [1,2] db 3.9 4.0 0.07 0.1 p 1db output power at 1db gain compression 100 mhz 900 mhz [1,2] dbm 14.7 13.4 oip 3 output 3 rd order intercept point 100 mhz [3] 900 mhz [1,2] dbm 29.0 28.3 dv/dt device voltage temperature coeffi cient mv/c -5.3 notes: 1. typical value determined from a sample size of 500 parts from 3 wafers. 2. measurement obtained using production test board described in the block diagram below. 3. i) 900 mhz oip 3 test condition: f1 = 900 mhz, f2 = 905 mhz and pin = -25 dbm per tone. ii) 100 mhz oip 3 test condition: f1 = 100 mhz, f2 = 105 mhz and pin = -25 dbm per tone. ADA-4643 absolute maximum ratings [1] symbol parameter units absolute maximum i d device current ma 70 p diss total power dissipation [2] mw 270 p in max. rf input power dbm 18 t j channel temperature ? c 150 t stg storage temperature ? c -65 to 150 ? jc thermal resistance [3] ? c/w 152 notes: 1. operation of this device above any one of these parameters may cause permanent damage. 2. ground lead temperature is 25 c. derate 6.6 mw/c for tl >109 c. 3. junction-to-case thermal resistance measured using 150 c liquid crystal measurement method. block diagram of 900 mhz production test board used for v d , gain, p 1db , oip 3 , and nf measurements. circuit losses have been de-embedded from actual measurements. input 50 ohm transmission (0.5 db loss) dut 50 ohm transmission including bias (0.5 db loss) output
3 product consistency distribution charts at 900 mhz, i d = 35 ma gain (db) 15 19 16 17 18 300 250 200 150 100 50 0 v d (v) 34 3.2 3.4 3.6 3.8 300 250 200 150 100 50 0 figure 1. gain distribution @ 35 ma. lsl = 15.5, nominal = 17, usl = 18.5 figure 2. v d distribution @ 35 ma. lsl = 3.2, nominal = 3.5, usl = 3.9 notes: 1. statistics distribution determined from a sample size of 500 parts taken from 3 diff erent wafers. 2. future wafers allocated to this product may have typical values anywhere between the minimum and maximum specifi cation limits.
4 ADA-4643 typical performance curves (at 25 c, unless specifi ed otherwise) figure 3. gain vs. frequency at i d = 35 ma. figure 4. p 1db vs. frequency at i d = 35 ma. figure 5. oip 3 vs. frequency at i d = 35 ma. figure 6. nf vs. frequency at i d = 35 ma. figure 7. id vs. v d and temperature. figure 8. gain vs. i d and temperature at 900 mhz. frequency (ghz) gain (db) 06 2 13 5 4 20 15 10 5 0 frequency (ghz) p 1db (dbm) 06 2 13 5 4 20 15 10 5 0 frequency (ghz) oip 3 (dbm) 06 2 13 5 4 30 25 20 15 10 5 frequency (ghz) 06 2 13 5 4 nf (db) 6 5 4 3 2 -40 c 25 c 85 c v d (v) i d (ma) 05 2 134 70 60 50 40 30 20 10 0 i d (ma) gain (db) 070 20 10 30 40 50 60 18 17 16 15 14 13 12 -40 c 25 c 85 c
5 ADA-4643 typical performance curves (at 25 c, unless specifi ed otherwise), continued figure 9. p 1db vs. i d and temperature at 900 mhz. figure 10. oip 3 vs. i d and temperature at 900 mhz. figure 11. nf vs. i d and temperature at 900 mhz. figure 12. gain vs. i d and frequency (ghz). figure 13. p 1db vs. i d and frequency (ghz). figure 14. oip 3 vs. i d and frequency (ghz). i d (ma) oip 3 (dbm) 0.1 0.5 0.9 1.5 2.0 2.5 3 4 5 6 0.1 0.5 0.9 2.0 2.5 3 4 5 6 070 20 10 30 40 50 60 40 35 30 25 20 15 10 5 0.5 0.9 1.5 2.5 3 4 6 i d (ma) p 1db (dbm) 070 20 10 30 40 50 60 20 15 10 5 0 -5 -10 -40 c 25 c 85 c -40 c 25 c 85 c i d (ma) oip 3 (dbm) 070 20 10 30 40 50 60 35 30 25 20 15 10 5 -40 c 25 c 85 c i d (ma) nf (db) 070 20 10 30 40 50 60 16 5 4 3 2 1 0 i d (ma) gain (db) 040 20 10 30 30 30 30 20 18 16 14 12 10 8 i d (ma) p 1db (dbm) 070 20 10 30 40 50 60 25 20 15 10 5 0 -5 -10 1.5 0.1 2.0 5
6 ADA-4643 typical performance curves (at 25 c, unless specifi ed otherwise), continued figure 15. nf vs. i d and frequency (ghz). figure 16. input return loss vs. i d and frequency (ghz). figure 17. output return loss vs. i d and frequency (ghz). 0.1 0.5 0.9 1.5 2.5 3 4 5 6 i d (ma) nf (db) 070 20 10 30 40 50 60 6 5.5 5 4.5 4 3.5 3 2.0 frequency (ghz) irl (db) 0 -5 -10 -15 -20 012 4 2610 8 frequency (ghz) orl (db) 012 4 26 10 8 0 -5 -10 -15 -20 -25 i d = 27 ma i d = 35 ma i d = 45 ma i d = 60 ma i d = 27 ma i d = 35 ma i d = 45 ma i d = 60 ma
7 ADA-4643 typical scattering parameters, t a = 25 c, i d = 27 ma freq. ghz s 11 s 21 s 12 s 22 k mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.172 1.1 17.2 7.246 175.9 0.093 -0.8 0.245 -4.1 1.1 0.5 0.202 10 17.04 7.113 160.2 0.091 -4.5 0.245 -12.6 1.1 0.9 0.277 12.3 16.67 6.814 144.7 0.088 -7.4 0.269 -20.4 1.1 1.0 0.286 9.9 16.56 6.726 141.1 0.087 -7.9 0.274 -23.1 1.1 1.5 0.349 -2.8 15.98 6.292 124.2 0.083 -9.3 0.28 -37.6 1.1 1.9 0.375 -11.3 15.54 5.984 111.4 0.080 -9.5 0.273 -48.9 1.2 2.0 0.382 -13.8 15.44 5.918 108.3 0.080 -9.5 0.271 -51.7 1.2 2.5 0.397 -24.2 14.93 5.581 93.2 0.078 -8.9 0.249 -65.8 1.2 3.0 0.402 -34.7 14.47 5.29 78.6 0.078 -7.8 0.22 -81.7 1.3 3.5 0.394 -46 14.02 5.021 64.2 0.079 -6.6 0.192 -100.9 1.3 4.0 0.378 -58.7 13.58 4.775 50 0.082 -5.4 0.176 -123.8 1.3 4.5 0.361 -73.1 13.16 4.55 35.9 0.087 -4.6 0.179 -148.6 1.3 5.0 0.340 -89.3 12.64 4.284 21.9 0.094 -4.9 0.191 -169.9 1.3 5.5 0.328 -107.1 12.15 4.05 8.3 0.102 -5.9 0.212 173.3 1.2 6.0 0.318 -124.8 11.6 3.803 -5.4 0.112 -8.3 0.233 158.2 1.2 6.5 0.299 -141.1 11.09 3.584 -18.6 0.124 -11.5 0.25 141.6 1.1 7.0 0.274 -159.7 10.56 3.371 -32 0.138 -16.5 0.27 123 1.1 7.5 0.243 177.3 9.96 3.149 -45.6 0.150 -22.8 0.3 103.6 1.1 8.0 0.222 148.7 9.29 2.914 -59.1 0.161 -30 0.337 84.8 1.1 8.5 0.226 119.9 8.41 2.632 -71.8 0.168 -36.7 0.381 70.1 1.1 9.0 0.26 95.4 7.62 2.406 -83.7 0.177 -43 0.429 58.4 1.1 9.5 0.305 75.2 6.67 2.155 -96.1 0.187 -49.9 0.481 48.4 1.1 10.0 0.356 60.1 5.82 1.954 -107.1 0.195 -57.3 0.529 39.7 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at th e end of the input lead. the output reference plane is at the end of the output lead.
8 ADA-4643 typical scattering parameters, t a = 25 c, i d = 35 ma freq. ghz s 11 s 21 s 12 s 22 k mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.151 1.6 17.51 7.504 175.9 0.091 -0.8 0.223 -4.1 1.1 0.5 0.185 13.1 17.35 7.367 160.1 0.09 -4.2 0.224 -11.7 1.1 0.9 0.265 14.9 16.98 7.06 144.6 0.087 -7 0.251 -19 1.1 1.0 0.272 12.4 16.86 6.97 140.9 0.086 -7.5 0.256 -21.7 1.1 1.5 0.340 -0.7 16.27 6.511 123.9 0.082 -8.8 0.264 -36.2 1.1 1.9 0.367 -9.5 15.82 6.178 111 0.080 -9.1 0.259 -47.6 1.2 2.0 0.373 -12.1 15.72 6.107 108 0.079 -9.1 0.256 -50.3 1.2 2.5 0.39 -22.7 15.19 5.745 92.8 0.078 -8.5 0.236 -64.4 1.2 3.0 0.395 -33 14.71 5.436 78.3 0.077 -7.3 0.209 -80.4 1.3 3.5 0.387 -44.3 14.23 5.149 63.9 0.079 -6 0.181 -99.9 1.3 4.0 0.370 -57.4 13.79 4.89 49.9 0.082 -4.8 0.166 -123.4 1.3 4.5 0.353 -71.6 13.36 4.657 35.9 0.087 -3.9 0.17 -148.9 1.3 5.0 0.332 -87.7 12.84 4.383 21.9 0.093 -4.2 0.185 -170.6 1.2 5.5 0.319 -106 12.34 4.141 8.3 0.102 -5.1 0.207 172.5 1.2 6.0 0.310 -123.6 11.8 3.889 -5.4 0.112 -7.5 0.23 157.5 1.2 6.5 0.293 -140.2 11.28 3.666 -18.6 0.124 -10.8 0.248 140.9 1.1 7.0 0.266 -158.8 10.75 3.449 -32 0.138 -15.8 0.27 122.3 1.1 7.5 0.238 177.8 10.15 3.219 -45.5 0.151 -22.2 0.301 103 1.1 8.0 0.217 148.5 9.48 2.979 -59 0.161 -29.3 0.34 84.3 1.1 8.5 0.222 119.5 8.62 2.697 -71.7 0.169 -36.1 0.385 69.6 1.1 9.0 0.256 95 7.81 2.458 -83.4 0.178 -42.5 0.434 57.9 1.1 9.5 0.300 74.9 6.88 2.208 -95.8 0.188 -49.5 0.486 47.9 1 10.0 0.357 59.1 6.01 1.996 -107.2 0.196 -56.9 0.534 39.2 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at th e end of the input lead. the output reference plane is at the end of the output lead.
9 ADA-4643 typical scattering parameters, t a = 25 c, i d = 45 ma freq. ghz s 11 s 21 s 12 s 22 k mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.137 2.4 17.72 7.691 175.9 0.09 -0.7 0.207 -4 1.1 0.5 0.174 15.3 17.56 7.547 160 0.089 -4 0.209 -10.9 1.1 0.9 0.257 17.4 17.19 7.234 144.5 0.086 -6.8 0.238 -17.6 1.1 1.0 0.267 14.7 17.08 7.144 140.8 0.085 -7.2 0.243 -20.3 1.1 1.5 0.334 0.7 16.47 6.664 123.7 0.081 -8.5 0.253 -34.8 1.1 1.9 0.36 -8.4 16.01 6.317 110.7 0.079 -8.7 0.249 -46.1 1.1 2.0 0.367 -10.9 15.91 6.241 107.7 0.079 -8.7 0.247 -48.9 1.2 2.5 0.386 -21.6 15.36 5.862 92.5 0.077 -8.1 0.227 -62.9 1.2 3.0 0.39 -32.1 14.86 5.534 78 0.077 -7 0.201 -78.9 1.2 3.5 0.382 -43.4 14.38 5.237 63.6 0.078 -5.7 0.174 -98.4 1.3 4.0 0.365 -56.4 13.93 4.971 49.7 0.081 -4.5 0.159 -122.3 1.3 4.5 0.348 -70.8 13.5 4.732 35.7 0.086 -3.6 0.164 -148.3 1.3 5.0 0.327 -86.8 12.97 4.45 21.7 0.093 -3.9 0.179 -170.4 1.2 5.5 0.314 -105.1 12.48 4.205 8.2 0.101 -4.8 0.202 172.6 1.2 6.0 0.304 -122.8 11.93 3.947 -5.5 0.112 -7.1 0.226 157.6 1.2 6.5 0.287 -139.6 11.41 3.721 -18.7 0.124 -10.4 0.245 140.9 1.1 7.0 0.26 -159.1 10.88 3.498 -32 0.138 -15.4 0.268 122.3 1.1 7.5 0.232 177.6 10.28 3.264 -45.6 0.151 -21.8 0.3 102.9 1.1 8.0 0.213 147.8 9.6 3.02 -59.1 0.161 -28.9 0.339 84.2 1.1 8.5 0.218 120.2 8.7 2.724 -71.7 0.169 -35.8 0.385 69.5 1.1 9.0 0.26 94.2 7.95 2.498 -83.7 0.179 -42.1 0.434 57.9 1.1 9.5 0.303 74 6.98 2.233 -96.2 0.189 -49.2 0.487 47.9 1 10.0 0.352 59.4 6.14 2.027 -107.1 0.196 -56.6 0.535 39.1 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at th e end of the input lead. the output reference plane is at the end of the output lead.
10 ADA-4643 typical scattering parameters, t a = 25 c, i d = 60 ma freq. ghz s 11 s 21 s 12 s 22 k mag. ang. db mag. ang. mag. ang. mag. ang. 0.1 0.126 2.4 17.88 7.834 175.9 0.089 -0.7 0.194 -3.8 1.1 0.5 0.165 18.1 17.73 7.696 159.9 0.088 -3.8 0.196 -9.9 1.1 0.9 0.252 19.6 17.36 7.377 144.3 0.085 -6.4 0.227 -16.1 1.1 1.0 0.261 16.4 17.24 7.28 140.6 0.085 -6.9 0.233 -18.8 1.1 1.5 0.33 2 16.63 6.787 123.3 0.081 -8.2 0.244 -33.2 1.1 1.9 0.359 -7.4 16.16 6.424 110.3 0.079 -8.4 0.241 -44.4 1.1 2.0 0.365 -9.8 16.05 6.343 107.2 0.078 -8.4 0.239 -47.2 1.1 2.5 0.386 -21 15.49 5.948 91.9 0.077 -7.8 0.221 -61 1.2 3.0 0.387 -31.5 14.98 5.61 77.4 0.077 -6.7 0.195 -76.8 1.2 3.5 0.381 -43 14.49 5.301 63.1 0.078 -5.5 0.168 -96.2 1.3 4.0 0.363 -56 14.02 5.025 49 0.081 -4.3 0.153 -120.3 1.3 4.5 0.344 -70.7 13.58 4.777 35 0.086 -3.5 0.157 -146.9 1.3 5.0 0.323 -87.3 13.04 4.488 21 0.093 -3.7 0.172 -169.4 1.2 5.5 0.31 -105.8 12.54 4.235 7.5 0.101 -4.6 0.195 173.4 1.2 6.0 0.301 -123.6 11.98 3.971 -6.2 0.111 -6.9 0.22 158.2 1.2 6.5 0.281 -140.6 11.44 3.735 -19.4 0.124 -10.2 0.239 141.4 1.1 7.0 0.257 -159.9 10.9 3.507 -32.7 0.138 -15.2 0.262 122.5 1.1 7.5 0.228 176.3 10.29 3.271 -46.3 0.151 -21.5 0.294 103 1.1 8.0 0.212 145.6 9.61 3.022 -59.8 0.161 -28.6 0.333 84.3 1.1 8.5 0.218 117.8 8.72 2.728 -72.4 0.169 -35.6 0.38 69.5 1.1 9.0 0.257 92.7 7.94 2.494 -84.1 0.178 -41.8 0.429 57.9 1.1 9.5 0.302 72.9 6.98 2.234 -96.4 0.189 -48.9 0.482 47.9 1 10.0 0.359 57.7 6.11 2.02 -107.7 0.196 -56.4 0.531 39.2 1 notes: 1. s-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. the input reference plane is at th e end of the input lead. the output reference plane is at the end of the output lead.
11 ordering information part number no. of devices container ADA-4643-tr1 3000 7 reel ADA-4643-tr2 10000 13 reel ADA-4643-blk 100 antistatic bag ADA-4643-tr1g 3000 7 reel ADA-4643-tr2g 10000 13 reel ADA-4643-blkg 100 antistatic bag note: for lead-free option, the part number will have the character g at the end. package dimensions outline 43 sot-343 (sc70 4-lead) recommended pcb pad layout for avagos sc70 4l/sot-343 products he d a2 a1 b b1 e 1.30 (.051) bsc 1.15 (.045) bsc c l a dimensions (mm) min. 1.15 1.85 1.80 0.80 0.80 0.00 0.15 0.55 0.10 0.10 max. 1.35 2.25 2.40 1.10 1.00 0.10 0.40 0.70 0.20 0.46 symbol e d he a a2 a1 b b1 c l notes: 1. all dimensions are in mm. 2. dimensions are inclusive of plating. 3. dimensions are exclusive of mold flash & metal burr. 4. all specifications comply to eiaj sc70. 5. die is facing up for mold and facing down for trim/form, ie: reverse trim/form. 6. package surface to be mirror finish. 1.30 (0.051) 0.60 (0.024) 0.9 (0.035) dimensions in mm (inches) 1.15 (0.045) 2.00 (0.079) 1.00 (0.039)
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2012 avago technologies. all rights reserved. obsoletes 5989-3753en av02-3598en - june 8, 2012 p p 0 p 2 f w c d 1 d e a 0 10 max. t 1 (carrier tape thickness) t t (cover tape thickness) 10 max. b 0 k 0 description symbol size (mm) size (inches) length width depth pitch bottom hole diameter a 0 b 0 k 0 p d 1 2.40 0.10 2.40 0.10 1.20 0.10 4.00 0.10 1.00 + 0.25 0.094 0.004 0.094 0.004 0.047 0.004 0.157 0.004 0.039 + 0.010 cavity diameter pitch position d p 0 e 1.50 0.10 4.00 0.10 1.75 0.10 0.061 + 0.002 0.157 0.004 0.069 0.004 perforation width thickness w t 1 8.00 + 0.30 - 0.10 0.254 0.02 0.315 + 0.012 0.0100 0.0008 carrier tape cavity to perforation (width direction) cavity to perforation (length direction) f p 2 3.50 0.05 2.00 0.05 0.138 0.002 0.079 0.002 distance width tape thickness c t t 5.40 0.10 0.062 0.001 0.205 + 0.004 0.0025 0.0004 cover tape device orientation tape dimensions for outline 4t user feed direction cover tape carrier tape reel end view 8 mm 4 mm top view


▲Up To Search▲   

 
Price & Availability of ADA-4643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X